PART |
Description |
Maker |
MIT-5A117 |
ISOLATOR, FLUSH 25A 3 POLEISOLATOR, FLUSH 25A 3 POLE; Poles, No. of:3; Current rating:25A; Approval Bodies:UL, CSA; IP rating:IP55; Power, switching AC3 max:2.2kW; Switch function type:Triple Pole 开槽光电断路器 SLOTTED PHOTOINTERRUPTER
|
Unity Opto Technology Co., Ltd.
|
AM2147-35PCB AM2147-70DC AM2147-70PC AM2147-70LC A |
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1 SRAM 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual and Quad 25MHz, 600V/µs Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Dual and Quad 50MHz, 800V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 500kHz High Efficiency 6A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C Dual and Quad 70MHz, 1000V/µs Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1的SRAM
|
Advanced Micro Devices, Inc. Rochester Electronics, LLC Molex, Inc.
|
1N4254 1N4255 |
Diode Switching 1.5KV 0.25A 2-Pin Case S Diode Switching 2KV 0.25A 2-Pin Case S
|
New Jersey Semiconductor
|
MIP0210SP |
ISOLATOR 3P 25AISOLATOR 3P 25A; Poles, No. of:3; Current rating:25A; Configuration, contact:1 N/O 1 N/C; Depth, external:169mm; IP rating:IP55; Length / Height, external:174mm; Material:Steel; Power, switching AC3 max:5.5kW; Width, Silicon MOS IC
|
PANASONIC CORP Panasonic Semiconductor
|
SM2123 |
Voltage Regula tor
|
SeCoS Halbleitertechnol...
|
MP28127DQ |
1.25A, 5.5V Synchronous Step-Down Switching Regulator
|
Monolithic Power Systems
|
DS1052 DS1052Z-100 DS1052U-100 DS1052X-100 DS1052- |
5-Bit / Programmable / 100kHz Pulse-Width Modulator 5-Bit Programmable 100kHz Pulse-Width Modulator "100kHz, 5-Bit Programmable Pulse Width Modulator" "5-Bit, Programmable, 100kHz Pulse-Width Modulator" From old datasheet system
|
DALLAS[Dallas Semiconducotr] DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
SQ2181 |
CMOS Positive Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
SN2133 |
CMOS Positive Voltage Regula tor
|
SeCoS Halbleitertechnologie GmbH
|
S5M2163 |
CMOS Positive Voltage Regula tor
|
SeCoS Halbleitertechnol...
|
S5M62GR |
CMOS Positive Voltage Regula tor
|
SeCoS Halbleitertechnol...
|